Part Number Hot Search : 
C67078 HCF4023 3N259 TLS0XX FLT180 TPCT4204 TM128 MAX737
Product Description
Full Text Search
 

To Download SDR2207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ro VER LEA H S SI D F CO ON RE M SA E PL R IA E NT
Features
Available in E12 series Low height of only 7.0 mm Inductance as low as 0.8 H High current up to 16 amps Lead free version available (see How to
Applications
Input/output of DC/DC converters Power supplies for:
* Portable communications equipment * Camcorders * LCD TVs * Car radios
Order)
Lead free versions are RoHS compliant*
SDR2207 Series - SMD Power Inductors
Electrical Specifications
Inductance 100 KHz
Bourns Part No. (H) Tol. %
Q Ref.
Test Frequency (MHz)
SRF Min. (MHz)
RDC (m)
I rms Max. (A)
I sat Typ. (A)
SDR2207-R80M_ SDR2207-1R2M_ SDR2207-1R8M_ SDR2207-2R7M_ SDR2207-3R3M_ SDR2207-4R7M_ SDR2207-5R6M_ SDR2207-6R8M_ SDR2207-8R2M_ SDR2207-100M_ SDR2207-120Y_ SDR2207-150Y_ SDR2207-180Y_ SDR2207-220Y_ SDR2207-270Y_ SDR2207-330Y_ SDR2207-390K_ SDR2207-470K_ SDR2207-560K_ SDR2207-680K_ SDR2207-820K_ SDR2207-101K_ SDR2207-121K_ SDR2207-151K_ SDR2207-181K_ SDR2207-221K_ SDR2207-271K_ SDR2207-331K_ SDR2207-391K_ SDR2207-471K_ SDR2207-561K_ SDR2207-681K_ SDR2207-821K_ SDR2207-102K_
0.8 1.2 1.8 2.7 3.3 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
20 20 20 20 20 20 20 20 20 20 15 15 15 15 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
30 30 31 38 38 38 50 38 35 53 50 38 46 27 22 27 18 27 25 18 28 18 20 22 20 19 17 20 17 19 18 16 16 15
5 3 3 3 3 3 3 3 3 5 5 5 5 3 3 3 3 3 2 2 2 2 2 2 2 2 2 1 1 1 1 1 1 1
102.0 70.0 51.0 51.0 39.0 33.0 30.0 27.0 25.0 20.0 19.0 16.0 15.0 14.0 12.0 11.0 10.0 9.0 8.3 7.9 6.5 6.2 6.0 5.8 5.7 5.5 5.3 5.1 4.9 4.7 4.5 4.2 3.9 3.5
2.8 3.8 4.5 7.0 7.8 8.8 13.4 14.2 15.5 17.2 23.6 28.8 33.0 39.4 43.5 58.4 65.0 91.2 96.5 112.0 144.0 168.0 230.0 250.0 300.0 380.0 470.0 560.0 680.0 850.0 1000 1100 1400 1800
16.0 15.0 13.0 10.0 9.0 8.5 7.8 7.5 7.0 6.5 5.5 5.0 4.6 4.0 3.8 3.4 3.2 2.8 2.6 2.4 2.3 2.2 1.6 1.5 1.3 1.2 1.1 1.0 0.9 0.8 0.8 0.7 0.6 0.6
35.0 30.0 25.0 20.0 17.0 15.0 14.0 12.0 11.0 10.0 9.5 9.0 8.0 6.5 6.0 5.5 5.2 5.0 4.5 4.0 3.5 3.0 3.0 2.6 2.5 2.4 2.2 1.9 1.7 1.4 1.3 1.2 1.1 1.0
General Specifications Test Voltage .....................................0.1 V Reflow Soldering....230 C; 10 sec. max. Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature .................................-40 C to +125 C Resistance to Soldering Heat ................................230 C for 10 sec. Materials Core.........................................Ferrite DR Wire .............................Enameled copper Terminal Electrode ......See How to Order Base................................Phenolic T375J Adhesive ..............................Epoxy resin Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise .......................40 C max. at rated Irms Packaging ....................250 pcs. per reel Product Dimensions
22.0 0.3 (.866 .012)
7.0 + 0.8/-0.4 (.276 + .031/-.016)
Electrical Schematic
Recommended Layout
13.5 (.531)
How to Order
15.0 0.3 (.591 .012)
SDR2207 - 100M __
Model Value/Tolerance: from table Termination L = Cu/Sn Blank = Cu/SnPb
4.0 (.157)
9.0 (.354)
= START OF WINDING
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SDR2207 Series - SMD Power Inductors
Soldering Profile
300 <1> Max. of 30 seconds > 200 C <2> Max. of 10 seconds at 230 C 250 230 C <1> 200 <2>
Temperature (C)
150 120 - 150 seconds 100 Ramp-down 5 C/second maximum
50
Ramp-up 4 /second maximum
0 0 50 100 150 Time (seconds) 200 250 300
Packaging Specifications
330 (12.99) DIA. 2.0 0.5 (.079 .020)
38.4 (1.51) THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA. 50.0 (1.969)
13.0 0.5 DIA. (.512 .020) EMBOSSED CARRIER 8.45 0.1 (.333 .004) 0.5 0.05 (.020 .002) 34.0 (1.34) 1.55 0.05 (.061 .002) 4.0 0.1 (.157 .004) 2.0 MIN. (.079)
22.4 0.1 (.882 .004) 32.0 0.3 (1.26 .012)
DIMENSIONS:
MM (INCHES)
9.0 0.1 (.354 .004) 15.5 0.1 (.610 .004)
20.0 0.1 (.787 .004)
QTY: 250 PCS. PER REEL REV. 02/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR2207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X